PART |
Description |
Maker |
TC514400J TC514400J-10 TC514400J-80 TC514400Z-10 T |
1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket RoHS Compliant: No
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
R5900U-L16 H7260-01 H7260-03 H7260-04 H7260-20 H72 |
LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY Circular Connector; No. of Contacts:18; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-18 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
JL05-2A18-19ASY-FO-R JL05-2A20-30ASY-FO-R JL05-2A2 |
17 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 8 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE BOX MOUNTING RECEPTACLE 19 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIR 52 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 17 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 24 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
TC1014-2.7VCT TC1014-5.0VCT TC1014 TC1014-2.5VCT T |
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS 50mA的CMOS LDO稳压器具有关断和基准旁路 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3124; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle 50mA的CMOS LDO稳压器具有关断和基准旁路 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3124; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
ICS307 ICS307M-01 ICS307M-01I ICS307M-01IT ICS307M |
Serially Programmable Clock Source ER 4C 4#16 PIN RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3102; No. of Contacts:13; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight ER 10C 10#16 PIN RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3102; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight ER 5C 5#8 PIN RECP Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3102; Number of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems]
|
231-104-07ZN9-98SA-03 231-104-07ZN9-98PA-03 231-10 |
3 CONTACT(S), ALUMINUM ALLOY, ZINC NICKEL PLATED, FEMALE-FEMALE, CIRCULAR ADAPTER 3 CONTACT(S), ALUMINUM ALLOY, ZINC NICKEL PLATED, MALE-FEMALE, CIRCULAR ADAPTER 43 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-FEMALE, CIRCULAR ADAPTER ROHS COMPLIANT 2 CONTACT(S), ALUMINUM ALLOY, ZINC PLATED, FEMALE-FEMALE, CIRCULAR ADAPTER 2 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, FEMALE-FEMALE, CIRCULAR ADAPTER 4 CONTACT(S), ALUMINUM ALLOY, MALE-FEMALE, CIRCULAR ADAPTER 21 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-FEMALE, CIRCULAR ADAPTER 6 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-FEMALE, CIRCULAR ADAPTER 8 CONTACT(S), ALUMINUM ALLOY, MALE-FEMALE, CIRCULAR ADAPTER 4 CONTACT(S), ALUMINUM ALLOY, FEMALE-FEMALE, CIRCULAR ADAPTER 36 CONTACT(S), ALUMINUM ALLOY, MALE-FEMALE, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
AMS3107CS-40 AMS3107S-33 AMS3107CS-33 AMS3107S-X A |
3.3V 500mA low dropout voltage regulator 3.5V 500mA low dropout voltage regulator 2.5V 500mA low dropout voltage regulator SENSOR AMP DIFFERENTIAL 5 H2O Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug; Body Style:Right Angle 500mA的低压差稳压 Octal D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 500mA的低压差稳压 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3100; No. of Contacts:35; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight ER 3C 3#16S PIN RECP LINE ER 4C 4#16S PIN RECP LINE Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3100; Number of Contacts:19; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle ER 2C 2#16S PIN RECP LINE ER 14C 2#16 12#8 PIN RECP ER 14C 2#16 12#8 SKT RECP ER 7C 7#4 PIN RECP BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 0,97 N [3.5 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 2.0V 500mA low dropout voltage regulator 3.0V 500mA low dropout voltage regulator 5.0V 500mA low dropout voltage regulator 4.0V 500mA low dropout voltage regulator
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
SCPG06FJ36-22PN SCPG06DJ32A55SNF80A95 SCPL06FJ22-7 |
22 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 55 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 1 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 6 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG 37 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG 24 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG
|
Spacecraft Components, Corp. SPACECRAFT COMPONENTS CORP
|
CFR300M10 CFR150M10 CFR70M10 |
300 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 150 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 70 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL
|
|
1MBI400N-120 |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-41 RoHS Compliant: No
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
PSMN009-100W |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3111; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket N-channel TrenchMOS transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DF4-9PA-2R28 DF4-02P-2R26 DF4-02PA-2R26 DF4-03P-2R |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 CORD 18AWG 3COND SJT GRAY 2毫米间距连接器直接安装在董事 2mm Pitch Connector Directly Mounted on Board 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; Number of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 SIGN, SAFETY HELMETS MUST BE WORN, SAV; RoHS Compliant: NA SIGN, HAND PROTECT MUST BE WORN, RP; RoHS Compliant: NA RES 6.81K-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
|