PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
EFM301L EFM302L EFM303L EFM304L EFM305L EFM306L EF |
3 A, 150 V, SILICON, RECTIFIER DIODE 3 A, 600 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere 3 A, 200 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
RD6.8UM RD2.4UM RD4.7UM RD24UM RD4.3UM RD5.1UM RD1 |
9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 CA01COME24-10SBF80 稳压二极PIN超超级迷你模 CAT6 SOL PC BLU PLE 50FT PLENUM SOLID PATCH CORD RECTIFIER SCHOTTKY SINGLE 1A 60V 30A-Ifsm 0.7Vf 0.5A-IR SMB 3K/REEL ZENER DIODES 2PIN ULTRA SUPER MINI MOLD 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NEC, Corp. NEC Corp. NEC[NEC]
|
CPR2-040TRLEADFREE CPR2-010TRLEADFREE CPR2-120TRLE |
2 A, 400 V, SILICON, RECTIFIER DIODE 2 A, 100 V, SILICON, RECTIFIER DIODE 2 A, 1200 V, SILICON, RECTIFIER DIODE 2 A, 200 V, SILICON, RECTIFIER DIODE 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
KYZ25A6 KYZ25K6 KYZ25A05 KYZ25A1 KYZ25A2 KYZ25A3 K |
Fuses, Field replaceable 2410 size, in clips 25 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 25 A, 100 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
|