PART |
Description |
Maker |
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SSRT600240A10-014 SSRT600240A10-006 SSRT600240A10- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
4A1210F-10 4A1210EH-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3R-IAZR1SN G3R-OD201SN G3R-ODX02SN-DC5-24 G3R-OA2 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics LLC Omron Electronics, LLC
|
CKRD4810R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3NA-450B G3NA-275B-UTU G3NA-290B-UTU G3NA-490B-UT |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Raltron Electronics, Corp. http:// Omron Electronics LLC
|
G3NA-220B-AC100-120 G3NA-425B-AC100-240 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
|
TD2425B-14 TD2425-14 TD2425A-13 TD2425B-13 TD2425A |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
D2N103LE D2N202LE24 |
3 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
NTD2425E NTD2425E-10 NTD2410E-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|