PART |
Description |
Maker |
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4D11405F2-04-325-02-325 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 14 x Large bore signal contacts, 6 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F2-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
50-84-1030 50-84-1120 50-84-1090 50-84-1035 |
Header Connector,Cable Mnt,PLUG,3 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,LATCH 3 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG connector 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG Header Connector,Cable Mnt,PLUG,9 Contacts,PIN/SKT,0.250 Pitch,CRIMP Terminal,LATCH 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG 2.13MM POWER CONNECTOR 4202103C
|
Molex, Inc. MOLEX INC
|
03-12-7014 03-12-2016 03-12-2071 |
125 Hcs 125 Power Plug Red Ears 1Ckt 1 CONTACT(S), FEMALE AND/OR MALE, POWER CONNECTOR, PLUG Connector Housing; No. of Contacts:1; Series:HCS-125; Body Material:Nylon 6/6; No. of Rows:1 RoHS Compliant: Yes 1 CONTACT(S), FEMALE AND/OR MALE, POWER CONNECTOR, PLUG
|
Molex, Inc. MOLEX INC
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
09-50-8151 09-50-8193 09-50-8171 09-50-8020 09-50- |
KK 156 Crimp Housing Ramp 15 Ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 17 Ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.156 Pitch 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:10; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 05 Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 9508153 KK 156 Crimp Housing 15 Ckt
|
Molex, Inc. MOLEX INC
|
19418-0005 |
Connector; Gender:Female; Number of Contacts:4; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
19-09-2032 |
Multipole Connector; Gender:Female; No. of Contacts:3; Series:Standard .093"; Body Material:Nylon 6/6; No. of Rows:1 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
SD-45985-400 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 4 Power Contacts, 20 Signal Contacts
|
Molex Electronics Ltd.
|
|