PART |
Description |
Maker |
WMS128K8V-17 WMS128K8V-35 WMS128K8V-20DRMA WMS128K |
128Kx8 3.3V Monolithic SRAM(128Kx8,3.3V,单片静态RAM(存取时7ns 128Kx8 3.3单片的SRAM28Kx83.3伏,单片静态随机存储器(存取时间为35ns)) 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDIP32 SINGLE CAVITY, SIDE BRAZED, CERAMIC, DIP-32 128K X 8 STANDARD SRAM, 20 ns, CDFP32
|
White Electronic Designs Corporation White Electronic Designs, Corp.
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
TIGA6S4000I-20 TIGA7S4000M-35 TIGA2S4000M-20 |
128K X 32 STANDARD SRAM, 20 ns, CQCC68 128K X 32 STANDARD SRAM, 35 ns, CQFP68 128K X 32 STANDARD SRAM, 20 ns, CDMA66
|
FORCE TECHNOLOGIES LTD
|
AS7C33128PFD18B AS7C33128PFD18B-200TQIN AS7C33128P |
128K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 128K x 18 pipeline burst synchronous SRAM Sync SRAM - 3.3V
|
Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
CY62136VLL-70BAI CY62136VLL-70ZI CY62136VLL-55ZI C |
2M (128K x 16) Static RAM x16 SRAM 128K x 16 Static RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44 128K x 16 Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C3128K16-12JC AS7C3128K16-12TI AS7C3128K16-12TC |
128K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 128K X 16 STANDARD SRAM, 12 ns, PDSO44 18.4 X 10.2 MM, TSOP2-44
|
Alliance Semiconductor, Corp.
|
IDT71L024L70PZI IDT71L024 IDT71L024L100PZ IDT71L02 |
low power 3v cmos sram 1 meg (128k X 8-bit) 128K X 8 STANDARD SRAM, 100 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C1009B-15VXC CY7C1009B-20VCT CY7C109B-12VCT |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
MSM8128GL-85 MSM8128GLI-85 MSM8128GLMB-85 MSM8128W |
128K X 8 STANDARD SRAM, 85 ns, CDFP32 128K X 8 STANDARD SRAM, 85 ns, CQCC32
|
Twilight Technology, Inc. Venkel, Ltd.
|
|