PART |
Description |
Maker |
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
803-005-02ZN5-3EN 803-005-07ZN5-3EN 803-005-02ZNU5 |
Receptacles With PCB or Solder Cup Contacts 4 CONTACT(S), STAINLESS STEEL, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 4 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 85 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 55 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 55 CONTACT(S), STAINLESS STEEL, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 85 CONTACT(S), STAINLESS STEEL, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 26 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 37 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE CONNECTOR ACCESSORY 7 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 85 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 3 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 1 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 10 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 3 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 3 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. http:// GLENAIR INC
|
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
941-003M15-35S 941-003S11-35P 941-003S11-2P 941-00 |
CONNECTOR ACCESSORY 37 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER 13 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER 2 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER 6 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER 27 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER 67 CONTACT(S), ALUMINUM, FEMALE-MALE, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
CRA06P0830000FTA CRA06P0830000FTC CRA06P0830000GTA |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 PT 3C 3#20 PIN PLUG 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 PT 32C 32#20 PIN PLUG 厚膜电阻阵列 CAP 2.2PF 50V /-0.5PF NPO(C0G) SMD-0603 TR-7-PA 厚膜电阻阵列 Thick Film Resistor Array 厚膜电阻阵列 Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 1800uF; Voltage: 10V; Case Size: 12.5x20 mm; Packaging: Bulk
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. http:// Vishay Siliconix
|
|