PART |
Description |
Maker |
15-87-0205 |
Connector; No. of Contacts:68; Mounting Type:PCB; Gender:Female; No. of Rows:2; Pitch Spacing:0.05" 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
91804-0415 91804-0455 91804-0417 91804-8451 |
4XLL CON W/PNL W/RMNT MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL W/PNLMNT 4SDRPSTS MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL CON W/PNL O/RMNT MTLGKT W/EMI TRAY Right angle I/O latch receptacle; No. of Contacts:8; Pitch Spacing:0.5mm; No. of Rows:1; Mounting Type:PCB SMT; Color:Black; Current Rating:0.5A; Features:2 solder posts; Gender:Receptacle; Series:LaneLink?; Voltage Rating:30V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
DX30-36P-SG DX31-28P-SG DX10-36SE DX20-36SE-SG DX2 |
36 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 28 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, RECEPTACLE 36 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 36 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 50 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 20 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG 132 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Sensitron Semiconductor
|
M80-4C12005F1-02-327-02-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 20 x Small bore signal contacts, 4 x 16 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F2-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
LVX-A40SFYG LVX-A30SFYG LVX-A40LMSG |
40 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 30 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 40 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Honda Tsushin Kogyo Co., Ltd. HONDA TSUSHIN KOGYO CO LTD
|
A62 B12 |
MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG FEMALE, TELECOM AND DATACOM CONNECTOR
|
MITSUMI ELECTRIC CO LTD
|
UBA-4R-S10-2 UBB-PH4-1 |
4 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP/SOLDER, PLUG
|
J S T MFG CO LTD
|
|