PART |
Description |
Maker |
NCV5501DT50G NCV5501DT50RKG NCP5501DT33RKG NCP5500 |
500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.0 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.3 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO4 500 mA Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.073 V DROPOUT, PSSO4
|
ON Semiconductor
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
NCV8535MN150R2G NCV8535MNADJR2G NCV8535MN285R2G NC |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
|
ON Semiconductor
|
NCP3334DADJG NCP3334DADJR2G |
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
|
ON Semiconductor
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
ADP124ARHZ-2.7-R7 ADP124ARHZ-2.9-R7 ADP124ACPZ-1.8 |
5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.7 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.9 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/EXTERNAL VOLTAGE DIVIDER No of Pins: 8 Temperature Range: Ind 0.8 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
B4500 B4500CN B4500CR B4500CN-5.7 B4500CR-5.7 B450 |
6.0V 500mA low dropout voltage regulator 500 mA Low Dropout Voltage Regulators 5.7V 500mA low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. BayLinear
|
NCP134 NCP134AMX110TCG |
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
|
ON Semiconductor
|
APL5885-18EC-TR APL5885-33EC-TU |
1.8 V, 500 mA low dropout linear regulator of adjustable and fixed voltage 3.3 V, 500 mA low dropout linear regulator of adjustable and fixed voltage
|
ANPEC Electronics Corporation
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
|