PART |
Description |
Maker |
M80-336 M80-337 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4D11405F2-04-325-02-325 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 14 x Large bore signal contacts, 6 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-325 |
DATAMATE MIX-TEK POWER CONTACT FEMALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
M80-7101522 |
Datamate J-Tek 3-Row Male Vertical PC Tail Connector, jackscrews, selective gold tin/lead, 15 signal 2 power 17 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER
|
Harwin PLC
|
|