PART |
Description |
Maker |
M20-7862042 M20-7862046 |
2.54mm PITCH SIL VERTICAL FEMALE SMT SKT ASSY DUAL ENTRY
|
Harwin Plc
|
M30-3100346 M30-3100846 |
1.25mm Pitch SIL Vertical PC Tail Blade Header, tin, 3-way 3 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER 1.25mm Pitch SIL Vertical PC Tail Blade Header, tin, 8-way
|
Harwin PLC HARWIN INC
|
M20-E011046 |
2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 10-way - twin beam contact 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M20-9612645 M20-9601846 M20-9610445 M20-9972245 M2 |
2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 26-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, tin, 18 18-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, gold (hi-temp mould), 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, tin, 12-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 23 23-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 5 5-way 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 37 37-way 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, tin, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M40-3011346R |
1.00mm Pitch SIL Vertical SMT Pin Header, tin, 13-way, Tape & Reel
|
HARWIN INC
|
M20-7862842 M20-7863842 M20-7863846 M20-7863642 M2 |
2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 28-way 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 36-way 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, selective gold tin, 23-way 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 2-way 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch SIL SMT Socket Assembly, tin, 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M20-8911005 M20-8901805 M20-8900505 M20-8910705 M2 |
2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 18-way 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 21-way 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 8-way 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
0022284127 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 12 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 12 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0022284104 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 10 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 10 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
36500-0129 MM-B2602-C913 0365000129 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ)
|
Molex Electronics Ltd.
|
|