PART |
Description |
Maker |
43202-8826 43202-4104 43202-4101 43202-8810 43202- |
Modjack RA LoPro Flgls w/Shld 50Au 8/8 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK ModJack RA LoPro Flgls 50 SAu 4/2 4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modular Jack; Number of Contacts:4; Number of Ports:4; Contact Material:Phosphor Bronze; Connector Type:PCB Jack 4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modjack RA LoPro Flgls w/Shld 50Au 8/10 10 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK CONN MOD JACK 8-8 SHIELD TOP TAB 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK CONN MODULAR JACK 8-10R/A UNSHLD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Molex, Inc.
|
43202-8916 43202-8925 43202-8908 43202-8902 |
8=4X2 .1" FEMALE RJ-45 SHIELD NOKEY GOLD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK MODULAT JACK RJ-45 FRONT POSITION 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modjack RA LoPro Flgls Shld 50Au 8/10 10 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
TE Connectivity, Ltd. Molex, Inc. MOLEX INC
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-7181505 M80-7180605A |
Datamate J-Tek 3-Row Female Small Bore Crimp Connector, no jackscrews, gold clip gold shell, 15 signal 2 power 17 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
MUA JC88AWH JC88IG |
FEMALE, TELECOM AND DATACOM CONNECTOR, JACK 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, JACK
|
PANDUIT CORP
|
91525-8215 91525-1212 91525-8211 |
LL12XLTC W/MTLGKTRMNT W/O SDRPOST T&R 73 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 12XLL F CONN W/CPAP O/PNL MNT W/REAR MNT 73 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
858F-036-B1-2-2-000-2 858F-036-B3-2-2-000-2 AMPHEN |
36 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 36 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
AMPHENOL CORP
|
HDSM1-38L0A5-0.5 HDSM1-38L0A3-0.5 HDSM1-38L0A1-0.5 |
38 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 38 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 78 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 200 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 304 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 400 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 78 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 304 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 200 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 152 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE 78 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG 400 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Honda Tsushin Kogyo Co., Ltd. ITW Pancon
|
MODM-E-08-8P8C-U-S-4-2 MODM-E-08-8P8C-L-S-4-2 SAMT |
64 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK ROHS COMPLIANT 16 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK 32 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Samtec, Inc. SAMTEC INC
|
51004-0200 51004-1500 51004-0700 51004-0600 |
Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.079 Pitch 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.079 Pitch 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:7; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:6; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|