PART |
Description |
Maker |
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
AQ3A2-J-ZT4/32VDC AQ10A2-ZT4/32VDC AQ2A2-J-ZP3/28V |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4
|
Panasonic, Corp. Integrated Device Technology, Inc. STMicroelectronics N.V.
|
G3PA-220B-VD-DC5-24 |
TRIGGER OUTPUT SOLID STATE RELAY
|
Omron Electronics, LLC
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
50SST240 10SST240 |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc.
|
CKRD4810R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
NTD2425-10 NTD2425F NTD2425F-10 NTD2410-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
HPF480D30R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE
|
Crydom, Inc.
|
A2490E-10 A2475GH-10 A2475GP-B |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
MCSS2450EM MCSP2450EM MCSP2425EM MCSS2425EM MCSS48 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
NTD2425E NTD2425E-10 NTD2410E-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|