PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
M80-5L11042M5-02-313-02-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 10 x 3mm PC Tail signal contacts, 4 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
39-30-1221 39-30-0244 39-30-7165 39-30-1061 39-30- |
Header; No. of Contacts:22; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA RD/ Pegs 30 Au V-0 24 Ckt 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 Ckt Mini-Fit Jr R/A Header 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:8; Pitch Spacing:4.20mm; Number of Rows:2; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Finish:Gold 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini Fit Jr RA Header Assy w/pegs 18 Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 24POS 4.2MM R/A GOLD 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA 30 SAu Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 22POS 4.2MM R/A TIN 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 14 Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6CKT MINIFIT ASSEMBLY A556906A2GS 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA SR /Pegs TinV2Blk 6Ckt A-5569-12A2S
|
Molex, Inc. MOLEX INC
|
ADSP-BF532SBBC400 ADSP-BF531 ADSP-BF531SBBC400 ADS |
Blackfin Embedded Processor Metal Connector Backshell Circular Connector Series:97 28-2 (14 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:14; Gender:Male; Operating Voltage:1250V
|
Analog Devices, Inc.
|
19419-0008 |
Plug assembly; Gender:Male; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19417; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 2 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
70ADJ-6-ML0G 70ADJ-6-ML1G 70ADJ-5-ML1G 70ADJ-2-ML0 |
Modular Contacts 6 Position Male SMD PCB CONNECTOR Modular Contacts 5 Position Male SMD PCB CONNECTOR Modular Contacts 2 Position Male SMD PCB CONNECTOR Modular Contacts 4 Position Male SMD PCB CONNECTOR Modular Contacts 3 Position Male SMD
|
Bourns, Inc. BOURNS INC
|
|