PART |
Description |
Maker |
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
CMBD4148 CMBD1201 CMBD1202 CMBD1203 CMBD1204 CMBD1 |
0.250W SMD Single Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If 0.250W SMD Dual Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
|
CDIL[Continental Device India Limited]
|
GSCNE555 |
High current driver capability (=200mA) SINGLE TIMER
|
E-Tech Electronics LTD GTM CORPORATION
|
SB02-03C |
Small signal(single type) 30V, 200mA Rectifier Shottky Barrier Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
DL-5345-C330-VXS DL-5340-C330-VX DL-5340-C330-VXS |
1 in Dia., 1 Amp Multi Deck Rotary Switch 1.125 Dia., 1/4 Amp Multi Deck Rotary Switch Keypad, .750 in Centers .5-.75 in Dia., 1/4 Amp Multi Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 0.5 in Diameter, 200mA Single Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
19001-04UL 19001-05UL |
2 in Diameter, 15 Amp Single Deck Rotary Switch
|
GRAYHILL INC
|
62PR5KLF 62BR100KLF 62BR100LF 62BR10KLF 62BR10LF 6 |
1/4 Diameter Single Turn Cermet Trimming Potentiometer
|
BITECH[Bi technologies]
|
62MRXXLF |
1/4 Diameter Single Turn Cermet Trimming Potentiometer
|
Bi technologies
|
93PR200KLF |
1/2 Diameter Single Turn Cermet Trimming Potentiometer
|
BI Technologies Corporation
|
RA16YL10RB105F RA16XL10RB105F RA16YP10RB105F RA16X |
16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
|
TOCOSAMERICA, INC.
|
|