PART |
Description |
Maker |
SA110CA SA110A |
Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
|
Littelfuse, Inc.
|
1N5529 |
Low Voltage Avalanche 500 mW Zener Diodes DO-35
|
MICROSEMI CORP-LAWRENCE
|
15KP66CA 15KPC |
Silicon Avalanche Diodes - Unpackaged High Power Transient Voltage Suppressors
|
LITTELFUSE[Littelfuse]
|
1N5532 1N5535 1N5534 1N5524 1N5546 1N5518 1N5518-1 |
LOW VOLTAGE AVALANCHE DIODES DO-35 Low Voltage Avalanche Zener 3.6 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Voltage Avalanche Zener 低压雪崩
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. Belden, Inc.
|
1.5KE550A 1.5KE550CA 1.5KE530A 1.5KE510CA 1.5KE480 |
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
|
LITTELFUSE[Littelfuse]
|
15KP40CA |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
5KP40CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
1N753 1N759 1N751 1N753A-1 1N4370A 1N4372A-1 1N753 |
SILICON 500 mW ZENER DIODES Standard Rectifier (trr more than 500ns) Zener Voltage Regulator Diode SILICON 500MW ZENER DIODES
|
MICROSEMI[Microsemi Corporation]
|
DS2-12A DSA2-16A DSA2-12A DSA2-18A DS2-08A |
Rectifier Diode Avalanche Diode Discrete Rectifier Diodes Rectifier Diode Avalanche Diode 3.6 A, 1800 V, SILICON, RECTIFIER DIODE Rectifier Diode Avalanche Diode 3.6 A, 1600 V, SILICON, RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
APTDF400AK20 |
500 A, 200 V, SILICON, RECTIFIER DIODE Dual diodes Power Module
|
MICROSEMI POWER PRODUCTS GROUP ADPOW[Advanced Power Technology]
|
SA26A SA6.5CA SA18A SA8.0CA SA54CA SA33A SA43A SA1 |
for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 28.7K OHM 1/16W .5% 0603 SMD HS Series Hermetically Sealed Basic Switch, Single Pole Normally Open Circuitry, 15 A at 28 Vdc, Integral Lever Actuator, Leadwire Termination Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors 硅雪崩二极管- 500瓦特轴向引线型瞬态电压抑制器
|
Littelfuse, Inc.
|