PART |
Description |
Maker |
50K60-01-1-03N 51K30-01-1-08N 51K30-01-1-06N |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, PANEL MOUNT
|
Grayhill, Inc. GRAYHILL INC
|
56P36-01-2-05N 56P36-01-2-05S 56D30-01-1-AJN 56D30 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc. GRAYHILL INC
|
LTC3544B |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
1300940240 |
Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
|
Molex Electronics Ltd.
|
CMBD4148 CMBD1201 CMBD1202 CMBD1203 CMBD1204 CMBD1 |
0.250W SMD Single Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If 0.250W SMD Dual Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
|
CDIL[Continental Device India Limited]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
SB02-03C |
Small signal(single type) 30V, 200mA Rectifier Shottky Barrier Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
RAD-WHA-MKT |
Mounting kit for WirelessHART adaptor (RAD-WHA-1/2NPT). Allows attachment to a pipe 38 to 89 mm diameter (1.5 to 3.5-inch diameter) or a flat surface, such as a panel.
|
PHOENIX CONTACT
|
91ER5K 91ERXK |
Diameter Single Turn Cermet Trimming Potentiometer
|
BI Technologies
|
62PFR1KLF 62PFR100KLF 62PFR100LF 62PFR10KLF 62PFR1 |
1/4 Diameter Single Turn Cermet Trimming Potentiometer
|
BI Technologies Corporation
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
|