PART |
Description |
Maker |
RFD16N03 RFD16N03LSM RFD16N03L FN4013 |
16A/ 30V/ 0.025 Ohm/ Logic Level/ N-Channel Power MOSFETs 16A, 30V, 0.025 Ohm, Logic Level,N-Channel Power MOSFETs(16A, 30V, 0.025 Ω, N沟道功率MOS场效应管) 16 A, 30 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 16A, 30V, 0.025 Ohm, Logic Level,N-Channel Power MOSFETs(16A, 30V, 0.025 Ω, N沟道功率MOS场效应管) 16 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P091P-EA25BR100K P092N-FE20AR20K P092S-EC15BR1K P0 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 500000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 20000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 5000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 50000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 50000 ohm ROHS COMPLIANT
|
BI Technologies Corporation BI Technologies, Corp.
|
RF1S42N03LSM RFP42N03L |
42A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFET 42 A, 30 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 42A 30V 0.025 Ohm Logic Level N-Channel Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STH60N10FI |
36 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218
|
STMICROELECTRONICS
|
SFF75N10_3 SFF75N10-3 SFF75N10/3 |
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
|
SSDI[Solid States Devices, Inc]
|
HUF75639S3S HUF75639G3 HUF75639P3 |
56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs 56A/ 100V/ 0.025 Ohm/ N-Channel UltraFET Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
SFF75N10P SFF75N10N |
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
|
SSDI[Solid States Devices, Inc]
|
SQJ469EP-T1-GE3 |
32 A, 80 V, 0.025 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, POWERPAK, SO-8L, 4 PIN
|
Vishay Intertechnology, Inc.
|
5767006-1 |
.025 [0.64] Centerline Matched Impedance Connector (MICTOR); MICT,R/APLUG,38,ASSY,.025,.062 ( AMP )
|
Tyco Electronics
|
NDB6030PL NDP6030PL NDP6030 |
P-Channel Logic Level Enhancement Mode Field Effect Transistor 30 A, 30 V, 0.025 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
0305-1-15-01-47-01-10-0 0305-1-15-01-47-27-10-0 03 |
PIN RECEPTACLES for .025 - .037 diameter pins and .025 square pins
|
Mill-Max Mfg. Corp.
|
|