PART |
Description |
Maker |
OM1321NKM OM1321STM OM1321N2M OM1321NMM OM1321NTM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator 高可靠性可调电压三端稳压器 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, CBCC3
|
International Rectifier, Corp. ETC[ETC] List of Unclassifed Manufacturers
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
ICL7663SACBA-T ICL7663SAIBA ICL7663SAIJA |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, CDIP8
|
Fujitsu, Ltd. HARRIS SEMICONDUCTOR
|
LM317M_D ON0305 LM317MBDTT4 LM317MT |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 From old datasheet system MEDIUM CURRENT THREE-ERMINAL
|
MOTOROLA INC ON Semi
|
AS117TO39_883C AS117TO39_SPACE AS117TO39_XT AS117R |
Positive Adjustable Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE LDO REGULATOR, CDSO16 CERPAK-16
|
Austin Semiconductor, Inc
|
IP117AG-BSS2 IP117AR-883B IP117AHVIG-DESC IP117G-O |
ADJUSTABLE POSITIVE REGULATOR, MSFM3 TO-257, 3 PIN ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
ITT, Corp. SEMELAB LTD
|
MSK5910RH |
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR 1.5 V-7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDFP20
|
M.S. Kennedy, Corp.
|
UZ1086L-AD-TQ2-R UZ1086L-AD-TQ3-R UZ1086L-AD-TA3-T |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 LEAD FREE, TO-220, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 LEAD FREE, SOT-223, 4 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-252, 3 PIN
|
Unisonic Technologies Co., Ltd.
|
BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP |
500mA Secondary LDO Regulators for Local Power Supplies 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2
|
Rohm
|
LM350BT ON0316 LM350_D LM350 LM350T |
THREE-ERMINAL ADJUSTABLE POSITIVE From old datasheet system THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|