PART |
Description |
Maker |
VSORC20AD VSORC-AD VTSRC20AD VSSRC20AD VTSRC-AD VS |
RC NETWORK, T-FILTER, 1W, 100ohm, 0.00022uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.000068uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00025uF, SURFACE MOUNT, SSOP-20 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks RC NETWORK, T-FILTER, 1W, 18ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20 TSSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 SSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1.2W, 12ohm, 0.000015uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1.2W, 120ohm, 0.00025uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 33ohm, 0.000033uF, SURFACE MOUNT, SSOP-20
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY THIN FILM
|
VTSRC20AA150470T1 VTSRC20AA150470T5 VISHAYTHINFILM |
RC NETWORK, T-FILTER, 1W, 15ohm, 0.000047uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 82ohm, 0.000022uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 27ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 27ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20
|
VISHAY THIN FILM
|
VRD150K/220MT/R VRD150K/100MT/R VRD470K/100MT/R VR |
RC NETWORK, TAPPED FILTER NETWORK, 1W, 15ohm, 0.000022uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 15ohm, 0.00001uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 47ohm, 0.00001uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 22ohm, 0.000015uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 12ohm, 0.000015uF, SURFACE MOUNT, SOT-3
|
VISHAY THIN FILM
|
0556-2006-24 S556-5999-A4 |
10BASE-T NETWORK COMPONENTS FILTER MODULES
|
BEL[Bel Fuse Inc.]
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
IP4256CZ6-F IP4256CZ5-W IP4256CZ3-M |
Single and dual-channel passive filter network with ESD protection
|
http:// NXP Semiconductors
|
CSPRC032A |
"EMI/RFI Filter Network, Chip Scale Package" From old datasheet system
|
California Micro Devices
|
HBS033YE-A HBS033ZE-A HBS050YE-A HBS050ZJ-A HBS050 |
HBS SERIES - 50 WATT Filter Module with Resistor Network SiliKrome Silicone Rubber Colored Lamp Filter, Green 4 PR #24 PP FS PVC RoHS Compliant: Yes 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE Xfmr Module 哈佛商学院系 50
|
POWER-ONE[Power-One] Power-One, Inc. Honeywell International, Inc.
|
IP3088CX10 IP3088CX15 IP3088CX20 IP3088CX5 |
Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
IP3338CX24 IP3338CX24/LF IP3338CX24_LF |
10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
IP4035CX24 |
10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
|