PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
87369-0300 89400-0520 87369-1300 87369-0900 89400- |
Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
26-50-3199 26-50-3099 26-48-1020 26-48-1221 26-48- |
KK 156 Hdr Assy Flat Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 09 ckt Tin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 02 ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt 20 Au 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 10 ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 08 ckt 20 Au 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 04 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 04 ckt 20 Au 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 21 ckt Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 21 ckt 20 Au 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 20 ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 08 ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 20 ckt 15 SAu 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt 30 SAu 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt Tin 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 05 ckt Tin RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
98414-F06-18UA03 98414-F06-48UA03 98414-F06-38UA03 |
18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SHR HEADER 2.00 VERTICAL TMT
|
Bourns, Inc. Glenair, Inc. FCI connector
|
|