PART |
Description |
Maker |
MPS3703 |
PNP General Purpose Amplifier 800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BT4355S62Z |
800 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
BC808-16-GS08 |
800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
VISHAY SEMICONDUCTORS
|
BC807-25/E9 |
800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
GENERAL SEMICONDUCTOR INC
|
CMPTA94BK |
300 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
CENTRAL SEMICONDUCTOR CORP
|
MPS-D04 MPS-D54 |
300 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92A TO-92A, 3 PIN 300 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92A TO-92A, 3 PIN
|
Nippon Chemi-con, Corp.
|
2SA1353C-CD 2SA1353C-LS 2SA1353C-LT 2SA1381D-YA 2S |
0.1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-126 Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-226
|
SANYO SEMICONDUCTOR CO LTD
|
MMBTA42LT1 |
300 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Rectron Semiconductor
|
MP02HBT190-08 MP02HBT190-10 MP02HBT190-12 |
300 A, 800 V, SCR 300 A, 1000 V, SCR 300 A, 1200 V, SCR
|
DYNEX SEMICONDUCTOR LTD
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|
|