PART |
Description |
Maker |
V23105-A5005-201 V23105-A5007-201 V23105-A5307-201 |
CONN MINI DIN SHIELDED ANG 8POS 最佳Relaytion The Best Relaytion 最佳Relaytion KIT DEV ZIGBEE 2.4 GHZ 最佳Relaytion CONN MINI DIN RECEPT RT ANG 4POS CONN MINI DIN SHIELDED ANG 3POS CONN CIR DIN RECEPT RT ANG 5POS Circular Connector; Body Material:Aluminum Alloy; Series:MS3111; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket CONN POWER JACK 2.0MM PCB
|
Anpec Electronics, Corp. TE Connectivity, Ltd. Electronic Theatre Controls, Inc. SPC Technology Tyco Electronics
|
10-33-1022 |
HEADER,RT ANG,.200" CTR,TH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
39-30-1221 39-30-0244 39-30-7165 39-30-1061 39-30- |
Header; No. of Contacts:22; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA RD/ Pegs 30 Au V-0 24 Ckt 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 Ckt Mini-Fit Jr R/A Header 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:8; Pitch Spacing:4.20mm; Number of Rows:2; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Finish:Gold 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini Fit Jr RA Header Assy w/pegs 18 Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 24POS 4.2MM R/A GOLD 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA 30 SAu Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 22POS 4.2MM R/A TIN 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 14 Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6CKT MINIFIT ASSEMBLY A556906A2GS 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA SR /Pegs TinV2Blk 6Ckt A-5569-12A2S
|
Molex, Inc. MOLEX INC
|
ADSP-BF532SBBC400 ADSP-BF531 ADSP-BF531SBBC400 ADS |
Blackfin Embedded Processor Metal Connector Backshell Circular Connector Series:97 28-2 (14 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:14; Gender:Male; Operating Voltage:1250V
|
Analog Devices, Inc.
|
19419-0015 |
Plug assembly; Gender:Male; Number of Contacts:10; Series:MX150L; Color:Black; For Use With:19417; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 10 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
|