PART |
Description |
Maker |
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
DM.161334011 DJ.041122013 DL.121232034 DK.41523201 |
16 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, SOLDER 4 CONTACT(S), BRASS, FEMALE, CIRCULAR CONNECTOR, CRIMP, PLUG 12 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 4 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 21 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP, PLUG 4 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, SOLDER 12 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP, PLUG
|
HYPERTAC LTD
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
2249-C-48 2249-E-240 2249-C-12 2249-C-96 2249-K-12 |
Pomona Stress Relieved/BNCCable Assemblies, Color: Black, Length: 48 , Contact Plating: Nickel, Contact Material: Brass, Features: BNC to BNC, weatherproof molded construction, ideal for use with test instruments INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:20ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; Features:75 Ohm impedance; For Use With:RG59B/U INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:1ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; For Use With:RG58C/U; Leaded Process Compatible:Yes INTERCONNECTION DEVICE Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE BNC (M), RG174/U INTERCONNECTION DEVICE BNC (M) RG223/U RoHS Compliant: Yes INTERCONNECTION DEVICE TEST , 50R RG58 2M
|
Pomona Electronics
|
T3400002 T3200013 T3260554 |
6 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, SOLDER 2 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, SOLDER 3 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP
|
AMPHENOL CORP
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
4935-BB-120 4935-BB-24 4935-BB-36 4935-BB-4 4935-B |
Telephone Cable Assembly; Connector Type A:BNC Male; Connector Type B:SMA Plug; Cable Length:4ft; Body Material:Brass; Contact Material:Brass; Voltage Rating:335V; Wire Size (AWG):26 RoHS Compliant: Yes INTERCONNECTION DEVICE Telephone Cable Assembly; Connector Type A:BNC Male; Connector Type B:SMA Plug; Cable Length:2ft; Body Material:Brass; Contact Material:Brass; Voltage Rating:335V; Wire Size (AWG):26 RoHS Compliant: Yes INTERCONNECTION DEVICE BNC (Male) To SMA (Male) Cable Assembly
|
Pomona Electronics
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
RS420B5W RS420C5W |
3 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR
|
THOMAS & BETTS CORP
|
FGG2G |
BRASS, MALE, CIRCULAR CONNECTOR, SOLDER, PLUG
|
|
|