PART |
Description |
Maker |
VC181226P540DP VC121038S770RP VA100003A100RL VC080 |
TVS 3.3V 0.3J 12V-CV SMD-0805 SN100 TR-7-PL RESISTOR, VOLTAGE DEPENDENT, 3.3 V, 0.3 J, SURFACE MOUNT TVS 18V 0.3J 42V-CV SMD-0805 SN100 TR-7-PL RESISTOR, VOLTAGE DEPENDENT, 18 V, 0.3 J, SURFACE MOUNT TVS 48V 1.2J 100V-CV SMD-1210 SN100 TR-7-PL RESISTOR, VOLTAGE DEPENDENT, 48 V, 1.2 J, SURFACE MOUNT TVS 18V 0.3J 42V-CV SMD-0805 SN100 TR-13-PL RESISTOR, VOLTAGE DEPENDENT, 18 V, 0.3 J, SURFACE MOUNT
|
AVX Corporation AVX, Corp.
|
PTCSL20T151DBE PTCSL40T151DBE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay BCcomponents
|
V715ZA05X2855 V56ZA20 V750ZA05PX2855 V56ZA05PX2855 |
RESISTOR, VOLTAGE DEPENDENT, 45 V, 30 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 45 V, 2.3 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 615 V, 17 J, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 45 V, 0.5 J, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 585 V, 15.5 J, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 45 V, 10 J, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Harris, Corp. Intersil, Corp. Stackpole Electronics, Inc.
|
PTCSGM3T151DBE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, CHASSIS MOUNT, ROHS COMPLIANT
|
Vishay BCcomponents
|
PTCTZ3NR949ETE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 9.4 ohm, SURFACE MOUNT, ROHS COMPLIANT
|
Vishay BCcomponents
|
SIOV-S07K30E2 SIOV-S07K150E2 |
RESISTOR, VOLTAGE DEPENDENT, 38 V, 2.3 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 200 V, 15 J, THROUGH HOLE MOUNT
|
爱普科斯(中国)投资有限公司
|
V56ZA20 V120ZS6 V120ZS20X10 V100ZS05 V120ZS1 V120Z |
RESISTOR, VOLTAGE DEPENDENT, 45 V, 30 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 22 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 33 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 2.5 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 6 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 12 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 20 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 10 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 8 V, 0.6 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 3 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 5 J, THROUGH HOLE MOUNT
|
Intersil, Corp.
|
SIOV-CN1206S14BAUTOG SIOV-CN2220K30AUTOG |
RESISTOR, VOLTAGE DEPENDENT, 16 V, 0.4 J, SURFACE MOUNT RESISTOR, VOLTAGE DEPENDENT, 34 V, 6.3 J, SURFACE MOUNT
|
SIEMENS AG
|
AVY20K2220122R1 AVY20K3225202R0 AVY20K2220122R0 AV |
RESISTOR, VOLTAGE DEPENDENT, 26 V, 8 J, SURFACE MOUNT RESISTOR, VOLTAGE DEPENDENT, 26 V, 15 J, SURFACE MOUNT RESISTOR, VOLTAGE DEPENDENT, 26 V, 3 J, SURFACE MOUNT
|
Stackpole Electronics, Inc.
|
SIOV-S07S95AGS2 |
RESISTOR, VOLTAGE DEPENDENT, 125 V, 7.6 J, THROUGH HOLE MOUNT
|
SIEMENS AG
|
D5644ZOV141RA1R1 D567ZOV141RA1R1 D5611ZOV141RA1R1 |
RESISTOR, VOLTAGE DEPENDENT, 180 V, 1.1 J, THROUGH HOLE MOUNT
|
Maida Development Company
|
|