PART |
Description |
Maker |
51565-3 |
Multiple Coaxial Contacts ( COAXICON ); SUBMIN SOCKET ( AMP )
|
Tyco Electronics
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5D1120500-01-317-01-317 |
Datamate 2-Row Mix-Tek Male Crimp Connector, No jackscrews, 12 x Large bore signal contacts, 2 x ?2.7mm Crimp Coax contacts
|
HARWIN INC
|
EMK43G2H-104.000M |
OSCILLATORS 100PPM -40 85 3.3V 4 104.000MHZ TS HCMOS 2X2.5 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 104 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EMK31H2H-104.000M |
OSCILLATORS 50PPM -40 85 1.8V 4 104.000MHZ TS HCMOS 2.5X3.2 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 104 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
B67345 B67345B0003X087 B67345B0004X087 |
Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set 铁氧体及配件支原3/152/16,用户界3/104/16核心
|
EPCOS AG
|
|