PART |
Description |
Maker |
ISL6244 |
PWM Controller, Multiphase Power Controller with 2, 3, or 4 Phase for AMD Mobile Hammer
|
Intersil
|
ISL6315 ISL6315CR ISL6315CRZ ISL6315EVAL1 ISL6315I |
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
|
Intersil Corporation
|
CHL8314 |
4 phase VR11.1 multiphase PWM controller for high efficiency solutions
|
International Rectifier
|
CHL8325A-00CRT |
Dual Loop, 4 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
IR3564B IR3570B IR3564BMTRPBF IR3570BMTRPBF |
Dual Loop, 4 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 3 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
EMC5.0F-LC EMC8.0F-LC EMC3.3F-LC EMC15F-LC EMC12F- |
Direct ProTek Replacement:EMC5.0F-LC Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 10-DFN High Power LED Driver; Temperature Range: -25°C to 85°C; Package: 20-QFN Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -25°C to 85°C; Package: 32-TQFP 直接太克替代:EMC3.3F,立法会 Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 直接太克替代:EMC8.0F,立法会
|
New Japan Radio Co., Ltd.
|
EPF8282ALC84-3 EPF8282ALC84-4 EPF8636AGC192-3 EPF8 |
Eval Board for HFA1110 750MHz, Low Distortion Unity Gain, Closed Loop Buffer Eval Board for HI5805 12-Bit, 5MSPS A/D Converter Eval Board for HIP6521 PWM and Triple Linear Power Controller Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Eval Board for ISL5314 CommLink™ Direct Digital Synthesizer 现场可编程门阵列(FPGA Eval Board for HIP6302 Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller 现场可编程门阵列(FPGA Eval Board for HA5023 Dual 125MHz Video Current Feedback Amplifier
|
Altera, Corp.
|
ISL6363 ISL6363CRTZ ISL6363IRTZ |
Multiphase PWM Regulator for VR12?Desktop CPUs
|
Renesas Electronics Corporation
|
ISL6277 |
Multiphase PWM Regulator for AMD Fusion?Mobile CPUs Using SVI 2.0
|
Intersil Corporation
|
ISL62773IRZ ISL62773HRZ |
Multiphase PWM Regulator for AMD Fusion?Desktop CPUs Using SVI 2.0
|
Intersil Corporation
|
ISL6260CCRZ ISL6260CCRZ-T ISL6260CIRZ ISL6260CIRZ- |
Multiphase PWM Regulator for IMVP-6 Mobile CPUs Multiphase PWM Regulator for IMVP-6 Mobile CPUs
|
Intersil Corporation
|