PART |
Description |
Maker |
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
AQ3A2-J-ZT4/32VDC AQ10A2-ZT4/32VDC AQ2A2-J-ZP3/28V |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4
|
Panasonic, Corp. Integrated Device Technology, Inc. STMicroelectronics N.V.
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
G3PA-420B-VD-2DC12-24 G3PA-430B-VD-2DC12-24 G3PA-2 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics LLC Orion Fans Omron Electronics, LLC
|
CKRD4810R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
H12D4825P-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3NA-450B G3NA-275B-UTU G3NA-290B-UTU G3NA-490B-UT |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Raltron Electronics, Corp. http:// Omron Electronics LLC
|
P111-B253-S001 P111-B253-S301 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Vishay Intertechnology, Inc. ITT, Corp.
|
10CPV120 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-8
|
Crydom, Inc.
|
MCSS2450EM MCSP2450EM MCSP2425EM MCSS2425EM MCSS48 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|