PART |
Description |
Maker |
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
OP07AJ OP07AZ OP07CCSA OP07CJ OP07CZ OP07D_D OP07D |
low offset voltage operational amplifiers OP-AMP, 150 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, UUC8 Precision op Amp
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ASOP-77GP ASOP-77FS ASOP-77GS ASOP-77AJ ASOP-77BJ |
OP-AMP, 150 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDIP8 MINI, PLASTIC, DIP-8 OP-AMP, 0.6 MHz BAND WIDTH, PDSO8 0.150 INCH, PLASTIC, SOIC-8 OP-AMP, 60 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 HERMETIC SEALED, METAL CAN, TO-99, 8 PIN OP-AMP, 120 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 HERMETIC SEALED, METAL CAN, TO-99, 8 PIN OP-AMP, 45 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 HERMETIC SEALED, METAL CAN, TO-99, 8 PIN OP-AMP, 100 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 HERMETIC SEALED, METAL CAN, TO-99, 8 PIN OP-AMP, 100 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDIP8 MINI, PLASTIC, DIP-8
|
Calogic, LLC
|
LT1221_01 LT1221 LT1221CN8 LT1221CS8 LT1221MJ8 LT1 |
150MHz, 250V/ms, A 4 Operational Amplifier 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDIP8 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
SP4-2520/883 SP7-2520-2 SP3-2525-5 SP3-2520-5 |
OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 MINI, CERDIP-8 OP-AMP, 10000 uV OFFSET-MAX, 20 MHz BAND WIDTH, PDIP8 OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, PDIP8
|
Intersil, Corp. E2V Technologies PLC
|
LT1011MH LT1011AMH LT1011AMJ8 LT1011MJ8 LT1011CS8 |
Voltage Comparator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 3000 uV OFFSET-MAX, 150 ns RESPONSE TIME, PDIP8
|
Linear Technology, Corp. LINER[Linear Technology]
|
OP77AZ OP77EZ OP77BZ OP77FJ OP77FP OP77FZ OP77GS O |
NEXT GENERATION OP07 / ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER Next Generation OP07, Ultralow Offset Voltage Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Military OP-AMP, 25 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 OP-AMP, 100 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, CDIP8
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
TSH112ID TSH110ILT |
DUAL OP-AMP, 2000 uV OFFSET-MAX, PDSO8 OP-AMP, 2000 uV OFFSET-MAX, PDSO5
|
STMICROELECTRONICS
|
LTC6247IKCTRMPBF LTC6247IKCTRPBF LTC6247CKC LTC624 |
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 10-Lead MSOP, Temperature Range: 0°C to 70°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO10 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead MSOP, Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8 180MHz, 1mA Power Efficient Single Rail-to-Rail I/O Op Amps, 6-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO6 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
MSK032 MSK032E MSK032S MSK032-15 |
Contact MSK for MIL-PRF-38534 Qualification Status FET INPUT DIFFERENTIAL OP-AMP OP-AMP, 5000 uV OFFSET-MAX, 90 MHz BAND WIDTH, MBCY12 FET INPUT DIFFERENTIAL OP-AMP OP-AMP, 7000 uV OFFSET-MAX, 80 MHz BAND WIDTH, MBCY12
|
M.S. Kennedy Corporatio... M.S. Kennedy, Corp.
|
AD70806 AD708JNZ AD708SQ/883B |
Ultralow Offset Voltage Dual Op Amp; Package: CerDIP; No of Pins: 8; Temperature Range: Military DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8
|
Analog Devices, Inc.
|
|