Part Number Hot Search : 
CAT5120 001010 MQ8038E 2SD23 90121 2149F RF1199 LR3105
Product Description
Full Text Search

53254-0710 - Header; No. of Contacts:7; Pitch Spacing:2mm; No. of Rows:1; Series:Micro-Latch; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

53254-0710_3808924.PDF Datasheet


 Full text search : Header; No. of Contacts:7; Pitch Spacing:2mm; No. of Rows:1; Series:Micro-Latch; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER


 Related Part Number
PART Description Maker
LR3696 Power Supply IC for PIT LCD System
Sharp
43650-0330 43650-0417 43650-9915 43650-1116 43650- MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
Molex, Inc.
3210169 PIT 2,5-TWIN-MT, Disconnect and test disconnect terminal block
PHOENIX CONTACT
349-10-164 349-10-164-00-560000 Interconnect Header.100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
449-10-208 449-10-208-00-560000 Interconnect Header .100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
829-22-008-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-004-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-019-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
860-10-050-10-002000 Interconnect Header 1mm Grid; Straight Pin Header
Mill-Max Mfg. Corp.
 
 Related keyword From Full Text Search System
53254-0710 Test 53254-0710 ICPRICE 53254-0710 analog 53254-0710 Reset 53254-0710 Technique
53254-0710 system 53254-0710 image sensor 53254-0710 server 53254-0710 FRE DOUNLODE 53254-0710 Capacitor
 

 

Price & Availability of 53254-0710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.34550094604492