PART |
Description |
Maker |
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
52610-1890 |
PC Board Connector; Number of Contacts:18; Pitch Spacing:1mm; Number of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Gender:Female
|
Molex
|
03-12-2036 03-12-1036 |
Connector Housing; No. of Contacts:3; Series:HCS-125; Connector Body Material:Nylon; Mounting Type:PC Board; No. of Rows:1; Pitch Spacing:8.38mm; Contact Termination:Crimp; Terminal Type:Straight Pin 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Female; Number of Contacts:3; Series:4217R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Voltage:600V; Pitch Spacing:3.18mm
|
Molex, Inc. MOLEX INC
|
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
26-61-4100 |
Multipole Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Connecting Termination:Thru-Hole; Contact Plating:Gold; Mounting Type:Through Hole
|
MOLEX INC
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
22-55-2143 22-55-2063 22-55-2123 22-55-2203 22-55- |
Multipole Connector; Number of Contacts:14; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 14 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Number of Contacts:6; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 6 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Number of Contacts:12; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 12 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, CRIMP DUALROW 20 POSITION 20 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt C DR /BkRbs 48Ckt CGrid SL Hsg Opt C DR /BkRbs 44Ckt
|
Molex, Inc. MOLEX INC
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
39-29-0123 39-29-6208 39-31-0048 39-31-0107 39-31- |
Multipole Connector; Number of Contacts:12; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Gold 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:20; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:8; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:20; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER New Mini Fit Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-22B 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
90131-0130 90131-0932 90131-0925 90131-0931 90131- |
Header; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 40POS .100 STR TIN 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:50; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Tn-A 52Ckt 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-E 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MPC8241 XPC8241TZP XPC8241TZP166B XPC8241TXXX XPC8 |
MPC8241 Part Number Specification for the XPC8241TXXnnnx Series Intergrated Processor Hardware Specifications Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-16 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket 综合处理器硬件规
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc] 飞思卡尔半导体(中国)有限公司
|
|