PART |
Description |
Maker |
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
NCP1526 NCP1526MUTXG |
400 mA, 1.2 V, High−Efficiency, Step−Down Converter with Low Noise Voltage Regulator Optimized for RF Module Integrated 3MHz Step-down (Buck) converter and low noise LDO regulator 400 mA, 1.2 V, High?Efficiency, Step?Down Converter with Low Noise Voltage Regulator Optimized for RF Module
|
ONSEMI[ON Semiconductor]
|
AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analog Technology,lnc.
|
AAT1147 AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analog Technology, Inc.
|
AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analogic Technologies
|
LTC3250-1.5 3250F |
250mA High Efficiency, Low Noise Inductorless Step-Down DC/DC Converter From old datasheet system
|
Linear
|
KB3511 KB3511A KB3511B |
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
|
Kingbor Technology Co
|
MSK5045-2.5H MSK5045-2.5HG MSK5045-2.5G MSK5045-2. |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 4.2 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 4.2 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
Omron Electronics, LLC M.S. Kennedy, Corp. MS KENNEDY CORP
|
ACE701 ACE701125AMH ACE701125ANH ACE701125BMH ACE7 |
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
|
ACE Technology Co., LTD... http://
|