PART |
Description |
Maker |
TPS54332DDAR |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 PLASTIC, SOIC-8
|
Chipcon
|
LTC3602EUFTRPBF LTC3602IFETRPBF LTC3602EFEPBF |
2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC20 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
NTE1868 NTE1867 |
Quadruple Operational Amplifier 14-SO 0 to 70 Integrated Circuit Hybrid Switching Voltage Regulator SWITCHING REGULATOR, 25 kHz SWITCHING FREQ-MAX, PSFM5
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
PQ1CY1032ZXH PQ1CY1032ZPH PQ1CY1032ZZH |
Maximum switching current: 3.5A To-263 Surface Mount Type Chopper Regulator 3.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PSSO5
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] SHARP ELECTRONICS CORP
|
LT3972IDDPBF LT3972EDDPBF |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, DFN-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
MIC2570 MIC2570-1B MIC2570-2B MIC2570-2BM MIC2570- |
Two-Cell Switching Regulator Preliminary Information 1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
|