PART |
Description |
Maker |
CMLM0605 CMLM0605BK |
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR SMD Module PNP Low VCE(SAT) & Low VF Schottky Diode MULTI DISCRETE MODULE⑩ SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE?/a> SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
2EZ11D5 2EZ14D5 2EZ150D5 2EZ16D5 2EZ17D5 2EZ180D5 |
SILICON ZENER DIODES CABLE RISER SHIELD 6COND 22AWG CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 8 Character x 1 Line, 5 x 11 Dot Matrix Character surface mount silicon Zener diodes 33 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 36 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 16 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 39 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 43 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 CONN EDGE CARD DUAL .8MM 40POS 17 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 120 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
EIC discrete Semiconduc... http:// EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC SEMICONDUCTOR INC
|
NSL12AW NSL12AWT1 NSL12AW-D |
High Current Surface Mount PNP Silicon Low V CE(sat) Transistor for Battery Operated Applications High Current Surface Mount PNP Silicon Low VCE(sat) Transistor for Battery Operated Applications TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 2A I(C) | SOT-363
|
ON Semiconductor
|
CMPT7410 CMPT7410BK |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CXT2907A |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMST2907A10 |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp
|
BC857BT BC856AT BC856T |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
CMPTH81-15 |
SURFACE MOUNT PNP SILICON RF TRANSISTOR
|
Central Semiconductor C...
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
|