PART |
Description |
Maker |
2N5682.MODE1 |
1000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
KSC2316O |
800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
SFD5390 |
5 AMP NPN DRARLINGTON TRANSISTOR 120 VOLTS 2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-33
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
2SC1940 2SC1940-M |
50 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON TRANSISTOR
|
NEC
|
PN2484APMLEADFREE PN3563APM PN3564APMLEADFREE PN35 |
60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BAV19 BAV21 BAV20 BAV19-TP |
500mW Small Signal Diodes 120 to 250 Volts 0.2 A, 120 V, SILICON, SIGNAL DIODE, DO-35
|
Micro Commercial Components
|
2SC2235-X-T9N-B 2SC2235-X-T9N-K 2SC2235G-X-T9N-B 2 |
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies UNISONIC TECHNOLOGIES CO LTD
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
|