PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
384206 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
384209 |
Male Con.C/2 32 solder clip
|
ERNI Electronics
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|