PART |
Description |
Maker |
S19203 S19204 S19227 |
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
|
Applied Micro Circuits Corp.
|
PM5342 |
SONET/SDH Payload Extractor/Aligner ATM/SONET/SDH SUPPORT CIRCUIT, PBGA256
|
PMC-Sierra, Inc.
|
S3055 |
SONET/SDH/ATM OC-48 16 Bit Transceiver with CDR(SONET/SDH 带CDR6位收发器(完全集B>OC-48接口器件
|
Applied Micro Circuits Corp.
|
S3076TT S3076 |
Multi-Rate Sonet/SDH Clock Recovery Unit
|
Applied Micro Circuits
|
VSC8145 |
2.5G Multi-rate SONET/SDH Transceiver Family 2.5G的多速率SONET / SDH收发器系
|
Vitesse Semiconductor, Corp.
|
BCM8128 |
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
|
Broadcom Corporation.
|
VSC9191 |
100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
|
http:// Vitesse Semiconductor Corporation
|
V23826-H18-C363 V23826-H18-C63 SCDUPLEXIR1X933V |
Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, SC Duplex Connector, 3.3 V, DC/DC coupling DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver 直流/直流 V/3.3五)单模622 MBd的ATM SDH / SONET1x9收发
|
INFINEON[Infineon Technologies AG]
|
HFCT-5202 |
155 Mb/s Single Mode Fiber Transceiver with Integrated Clock and Data Recovery for ATM, SONET OC-3/SDH STM-1(应用于ATM, SONET OC-3/SDH STM-1带集成时钟和数据恢复55 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
QFBR-5241 HFBR-5204P HFBR-5205P HFBR-5205PE HFBR-5 |
HFBR-5205AT · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., ST HFBR-5205A · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., SC HFBR-5205PE · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Mezz, Ext. Shield HFBR-5205P · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height HFBR-5204P · ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
|
Agilent (Hewlett-Packard)
|
V23826-C18-C63 V23826-C18-C363 |
IC LOGIC 1G02 SINGLE 2-INPUT POSITIVE-NOR GATE -40 85C SOP-5 - OBSOLETE SM 155 Mbd ATM/SDH/SONET Transceiver Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver 单模155 MBd的ATM SDH / SONET1x9收发
|
Infineon Technologies AG
|
HFCT-5218M |
622 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-12/SDH STM-4 (L4.1)(应用于ATM, SONET OC-12/SDH STM-4 (L4.1)22 Mb/s单模式激光收发器) 622 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-12/SDH STM-4 (L4.1)(搴??浜?TM, SONET OC-12/SDH STM-4 (L4.1)??22 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|