PART |
Description |
Maker |
PDTB123Y PDTB123YK |
PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
|
NXP Semiconductors
|
7S B123ES |
PNP 500 mA, 50 V resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
|
Philips Semiconductors
|
WA84-6R8JI WA84-22RJI WA84-220RJI WA84-1R0JI WA84- |
RESISTOR 6.8R 3W RESISTOR 22R 3W RESISTOR 220R 3W RESISTOR 1R 3W RESISTOR 3.3R 3W RESISTOR 2.2R 3W RESISTOR 1.2K 3W RESISTOR 1.8K 3W RESISTOR 12R 3W RESISTOR 8.2R 3W RESISTOR 3.9R 3W RESISTOR 1.5K 3W RESISTOR 1.2R 3W RESISTOR 1.5R 3W RESISTOR 1.8R 3W 电阻4.7R 3W 电阻390R 3W RESISTOR 150R 3W 电阻150R 3W
|
Welwyn Components, Ltd.
|
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PIMC31 |
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm
|
NXP Semiconductors
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
POT3107Z-1-200 POT3107Z-1-100 POT3107Z-1-104 POT31 |
RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 10 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 250000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 200 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 25000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 500 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50 ohm RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50000 ohm
|
Murata Manufacturing Co., Ltd.
|
PDTD123TT PDTD123TK PDTD123TS |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = open NPN配电阻型晶体管:耐压0V,电00mAR1 = 2.2 千欧 R2 =开 NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA114YEF PDTA114YT PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=10千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
PUMB17 PEMB17 |
PEMB17; PUMB17; PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
|