PART |
Description |
Maker |
EMC1023-4-ACZB-TR EMC1023-4-ACZL-TR EMC1023-3-ACZB |
1C Triple Temperature Sensor with Resistance Error Correction
|
SMSC Corporation
|
EMC1043-2-ACZL-TR EMC1043-5-ACZL-TR EMC1043-4-ACZL |
1°C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
|
SMSC Corporation
|
EMC1053-ACZL-TR EMC105307 EVB-EMC1053 FDMA1028NZ E |
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
|
SMSC[SMSC Corporation]
|
EMC1053 |
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones 集成电路三温度传感器电阻错误纠正和双区域Hotter
|
SMSC, Corp.
|
TC652 TC653 TC652GAVUA TC653GAVUA TC652CAVUA TC653 |
Integrated Temperature Sensor & Brushless DC Fan Controller Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseB>Detect & Over-Temperature From old datasheet system Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseDetect & Over-Temperature Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense⑩Detect & Over-Temperature
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX664209 MAX6642ATT90-T MAX6642ATT92-T MAX6642ATT |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 隆戮1隆?C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 卤1掳C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MIC502105 MIC5021YM MIC5021YN |
Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-DIP; Mounting Type:Through Hole BUF OR INV BASED MOSFET DRIVER, PDIP8 Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-SOIC; Mounting Type:Surface Mount RoHS Compliant: Yes BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Speed High-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
AD7816AR-REEL7 AD7818ARZ-REEL7 AD7818ARMZ-REEL7 AD |
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor DIGITAL TEMP SENSOR-SERIAL Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: SOIC; No of Pins: 16; Temperature Range: Commercial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 DIGITAL TEMP SENSOR-SERIAL MO-153-AB, TSSOP-16 DIGITAL TEMP SENSOR-SERIAL MO-187-AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL MS-012-AA, SOIC-8
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
TC1068 |
SMBus Thermal Sensor The TC1068 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on-board integrated thermal diodes. Temperature data is converted from the CPU’s thermal diode outputs and made avail
|
Microchip Technology
|
EMC1204-ACZL-TR EMC1203 EMC1203-ACZL-TR EMC1204 |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
|
SMSC Corporation
|
AD7414-REEL7 AD7415ART-0500RL7 |
SMBus/I2C Digital Temperature Sensor in 6-Pin SOT with SMBus Alert and Over Temperature Pin Digital Output Temperature Sensor
|
Analog Devices
|
EMC1053-08 EMC1053-3-ACZL-TR |
1°C Triple Temperature Sensor
|
SMSC Corporation
|