PART |
Description |
Maker |
2SB1186A 2SD1763A 2SB1569 2SB1569A 2SD2400A 2SB123 |
POWER TRANSISTOR 功率晶体 Power Transistor (-160, -1.5A) From old datasheet system 1.5 A, 160 V, NPN, Si, POWER TRANSISTOR, TO-220FN
|
Rohm Co., Ltd. ROHM[Rohm]
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
KST5551MTFNL |
NPN Epitaxial Silicon Transistor 600 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N5551HRT 2N5551SHRT 2N5551RUBG 2N5551RUBT J2N5551 |
Hi-Rel NPN bipolar transistor 160 V, 0.5 A
|
ST Microelectronics
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
MMBC1654N5LT3 MMBC1654N5LT1 |
50 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Motorola Mobility Holdings, Inc.
|
DXT5551-13 |
600 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes, Inc.
|
LCD-160G160B |
160 x 160 Dots Graphic LCD
|
VISAY[Vishay Siliconix]
|
LCD-160G160B08 |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
TFH160A |
160 MHz SAW Filter For CDMA Basestation Applications(160 MHz SAW滤波CDMA基站设备应用))
|
Vectron International, Inc.
|
|