PART |
Description |
Maker |
DS1E-ML2-DC9V DS4E-M-DC6V DS1E-ML2-DC12V DS2E-M-DC |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.066A (COIL), 6VDC (COIL), 400mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, LATCHED, 0.03A (COIL), 12VDC (COIL), 360mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, LATCHED, 0.015A (COIL), 12VDC (COIL), 180mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 1.5VDC (COIL), 200mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, LATCHED, 0.24A (COIL), 1.5VDC (COIL), 360mW (COIL), 2A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
FBR161SCD012-W31 FBR161SNCD012-W31 FBR161SCD012-W3 |
POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.057A (COIL), 12VDC (COIL), 680mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.043A (COIL), 9VDC (COIL), 380mW (COIL), 20A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 20A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU COMPONENT LTD
|
G6RL-1A-ASI-PL G6RL-1-ASI-PL G6RL-1 G6RL-1-ASI G6R |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.073A (COIL), 3VDC (COIL), 220mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 6VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.025A (COIL), 12VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.101A (COIL), 3VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT PCB Relay
|
Omron Electronics LLC
|
VE-18H-K-HV-VD VE-18HMS-K-HV-VD VE-18HM5-K-HV-VD V |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.015A (COIL), 24VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.03A (COIL), 12VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
1BCN-4C-140E 1BCN-4A-112E 2BCN-4A-112E 2BCN-4A-106 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.027A (COIL), 12VDC (COIL), 324mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 12VDC (COIL), 324mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.055A (COIL), 6VDC (COIL), 330mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
FTR-P3CN009W1NIL FTR-P3CN012W1-01 FTR-P3CN012W1-05 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
BOY-3D-110/120VDC BOY-3D-5.5VDC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.008A (COIL), 120VDC (COIL), 960mW (COIL), 10A (CONTACT), 26.5VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.132A (COIL), 5.5VDC (COIL), 726mW (COIL), 10A (CONTACT), 26.5VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. Ironwood Electronics
|
G8JN-1C6T-R-DC12 G8JN-1C6T-F-DC12 G8JN-1C6T-F-R-DC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.16A (COIL), 12VDC (COIL), 1920mW (COIL), 35A (CONTACT), 16VDC (CONTACT), PANEL MOUNT Automotive Relay
|
Omron Electronics LLC
|
MJN1C MJN1C-I MJN1C-IN MJN1C-N MJN1CF MJN1CF-I MJN |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 24VDC (COIL), 1200mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT General Purpose Relay
|
Omron Electronics LLC
|
G8HN-1A2T-H62 G8HN-1A2T-H62-R G8HN-1C2T-R-12VDC G8 |
Micro ISO Automotive Relay POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 1309mW (COIL), 10A (CONTACT), 16VDC (CONTACT), PANEL MOUNT
|
Omron Electronics LLC http://
|
3-1419145-9 5-1419130-6 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.09A (COIL), 5VDC (COIL), 450mW (COIL), 1A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.038A (COIL), 12VDC (COIL), 450mW (COIL), 1A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
8XAX46-120VDC 8XAX46-240VDC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.058A (COIL), 120VDC (COIL), 7000mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.029A (COIL), 240VDC (COIL), 7000mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
Struthers-Dunn
|
|