PART |
Description |
Maker |
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MIC2219-PSYML MIC2219 MIC2219-3.0BML MIC2219-3.3BM |
Dynamically Adjustable Dual uCap LDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10
|
MICREL INC MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
NCV4269AD250G NCV4269ADW50G NCV4269ADW50R2G NCV426 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4279D1R2G NCV4279D2R2 NCV4279D2R2G NCV4279_05 N |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ONSEMI[ON Semiconductor]
|
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SPX2870U-5.0 SPX2870 SPX2870AT SPX2870AT-2.5 SPX28 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response ENCODER ROTARY 12MM 20PPR W/SW ENCODER ROTARY 12MM VERT 12PPR Analog IC 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 6.5A低压差稳压器可调 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
EXAR CORP SIPEX[Sipex Corporation] Advanced Power Electronics, Corp.
|
LNT1C104SEG LNT1A105SEG LNT1A473SEG LNT1C105SEG LN |
Single, Low Voltage, Rail-to-Rail Output Operational Amplifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 2 A, 30 V Schottky Rectifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 铝电解电容器 5 V ECL 4-Input OR/NOR 铝电解电容器 3-32 V Dual Operational Amplifier 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 3.3 V / 5 V ECL 4 Divider 铝电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
NCV47710 NCV47710PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
|