PART |
Description |
Maker |
AS35DS |
ANALOG TEMP SENSOR-CURRENT, 56.2uA, 0.50Cel, RECTANGULAR, SURFACE MOUNT
|
CALOGIC LLC
|
PTS-P0805LF-1000-2B |
ANALOG TEMP SENSOR-RESISTANCE, RECTANGULAR, SURFACE MOUNT
|
INTERNATIONAL RESISTIVE CO INC
|
TMP01ESZ-REEL |
ANALOG TEMP SENSOR-VOLTAGE, 2.49-2.51V, 3Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC
|
8021 8002-12-001 8002-05-101 8002-05-011 8002-05-0 |
Temp Sensor, Low Voltage, -40C to 125C, 8-SOIC 150mil, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE Prog Solid-State Temp Sensor, -40C to 125C, 5-TO-220, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-SOIC 150mil, T/R 1.5A DUAL MOSFET DRIVER, 0C to 70C, 8-MSOP, T/R 1.5A Dual MOSFET Drvr, -40C to 125C, 8-DFN, TUBE 1.5A Dual High-Speed Power MOSFET Drivers, -40C to 125C, 8-SOIC 150mil, TUBE Prog Solid-State Temp Sensor, 0C to 70C, 8-PDIP, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE 1.5A DUAL MOSFET DRIVER, -40C to 85C, 8-MSOP, T/R Temp Sensor, Low Voltage, 0C to 70C, 8-PDIP, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-DFN, T/R DIP Reed Relays
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Coto Technology
|
PTC150PT-4000-DB392Q PTC150PT-4000-DB392W PTC200NF |
RTD TEMP SENSOR-PLATINUM, 400ohm, CYLINDRICAL, THROUGH HOLE MOUNT RTD TEMP SENSOR-NICKEL-IRON, 1000ohm, CYLINDRICAL, THROUGH HOLE MOUNT
|
RCD COMPONENTS INC
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
V48B5E48BS2 V24B12E24B V24B12E24B1 V24B12E24B2 V24 |
IC ENCORE XP MCU FLASH 8K 20SOIC IC ENCORE XP MCU FLASH 8K 28SOIC T-SENSOR IC, DOUT TO92T-SENSOR IC, DOUT TO92; Temp, op. min:-50(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:TO-92; Base number:206; Voltage, supply max:6V FasTrak Mini E-Grade Family FasTrak车辆迷你E级系
|
VICOR[Vicor Corporation] Vicor, Corp.
|
BH1600FVC10 BH1600FVC |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
BH1621FVC BH1621FVC-TR |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
EMC1403-2-YZT-TR EMC1403-3-YZT-TR EMC1403-4-YZT-TR |
DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT ROHS COMPLIANT, SOIC-14 DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 2Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp. STANDARD MICROSYSTEMS CORP
|
|