PART |
Description |
Maker |
ADSP-2189NBSTZ-320 ANALOGDEVICESINC-ADSP-2184NKSTZ |
DSP Microcomputer 24-BIT, 40 MHz, OTHER DSP, PBGA144 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM; Package: 100 ld LQFP; No of Pins: 100; Temperature Range: Ind 24-BIT, 40 MHz, OTHER DSP, PQFP100
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADSP-21060LCB-133 ADSP-21060LCBZ-133 ADSP-21060KSZ |
48-BIT, 33.33 MHz, OTHER DSP, PBGA225 PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PBGA225 ROHS COMPLIANT, PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PQFP240 ROHS COMPLIANT, MS-029GA, MQFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 CERAMIC, QFP-240
|
Analog Devices, Inc.
|
ADSP-21160NCB-TBD ADSP-21160NKB-95 ADSP-21160N |
ADSP-21160N High Performance 32-Bit SHARC DSP DSP Microcomputer 64-BIT, 47.5 MHz, OTHER DSP, PBGA400 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
Analog Devices, Inc.
|
DSP32C-F35-050 DSP32C-R35-080-I DSP32C-R35-050 DSP |
32-BIT, 80 MHz, OTHER DSP, PQFP164 32-BIT, 50 MHz, OTHER DSP, CPGA133 32-BIT, 80 MHz, OTHER DSP, CPGA133 32-BIT, 66.666 MHz, OTHER DSP, CPGA133
|
Thomas ?Betts, Corp. KEMET Corporation
|
ADSP-BF534BBCZ-4B1 ADSP-BF534BBCZ-5A1 ADSP-BF534BB |
16-BIT, 50 MHz, OTHER DSP, PBGA208 LEAD FREE, MO-205AM, MBGA-208 16-BIT, 50 MHz, OTHER DSP, PBGA182 LEAD FREE, MO-205AE, MBGA-182 16-BIT, 50 MHz, OTHER DSP, PBGA182 MO-205AE, MBGA-182
|
Analog Devices, Inc.
|
CS48520-CQZ CS48560-CQZ CS48560-DQZ |
Audio DSP IC; Series:CS48500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:2.5V RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48
|
Cirrus Logic, Inc.
|
AT572D740 |
Dual CPU Processor with integrated mAgic VLIW DSP and an ARM7TDMI™ RISC MCU. The DSP operates on a 32-bit integer and IEEE ... DIOPSIS 740 Dual Core DSP
|
ATMEL[ATMEL Corporation]
|
ADSP-2106X ADSP-2106L ADSP-21061LAS-160 ADSP-21061 |
SHARC, 44MHz, 150 MFLOPS, 3.3v, floating point SHARC, 50 MHz, 150 MFLOPS, 5v, floating point ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 40 MHz, OTHER DSP, PBGA225
|
Analog Devices, Inc.
|
ADSP-BF561SBB500 ADSP-BF561SKBCZ500 |
Blackfin Embedded Symmetric Multi-Processor 32-BIT, 500 MHz, OTHER DSP, PBGA297 Blackfin Embedded Symmetric Multi-Processor 32-BIT, 500 MHz, OTHER DSP, PBGA256
|
Analog Devices, Inc.
|
ADSP-2105BP-80REEL |
24-BIT, 20 MHz, OTHER DSP, PQCC68
|
ANALOG DEVICES INC
|
DSP56L002PV40 |
24-BIT, 40 MHz, OTHER DSP, PQFP144
|
MOTOROLA INC
|
|