Part Number Hot Search : 
DM9301FP BAS19 PCL245A2 EG686 AN725 W77C58 1N5945A ST2S06
Product Description
Full Text Search
  exposed Datasheet PDF File

For exposed Found Datasheets File :: 19761    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NB3W1200L

ON Semiconductor
Part No. NB3W1200L
OCR Text ..._9 oe_9# oe_8# dif_8# dif_8 vdd exposed pad (ep) (t op v iew) dif_0 dif_0# oe_0# oe_1# dif_1 dif_1# gnd vdd vdd dif_2 dif_2# oe_2# oe_3# dif_3 dif_3# vdd vdda gnda iref 100m_133m# hbw_byp ass_lbw# pwrgd/pwrdn# gnd vddr clk_in clk_in# sa_0 ...
Description 3.3V 100MHz - 133MHz Differential 1:12 HCSL or Push-Pull Clock ZDB - Fanout Buffer

File Size 358.04K  /  26 Page

View it Online

Download Datasheet





    LG
Part No. 47LM620S 47LM625S
OCR Text ...kage current check on the exposed metallic parts of the cabinet, such as antennas, terminals, etc., to be sure the set is safe to operate without damage of electrical shock. leakage current cold check(antenna ...
Description LED LCD TV Manual

File Size 9,038.09K  /  119 Page

View it Online

Download Datasheet

    SIE812DF-T1-E3

Vishay Siliconix
Part No. SIE812DF-T1-E3
OCR Text ...w thermal resistance using top- exposed polarpak ? package for double-sided cooling ? leadframe-based new encapsulated package - die not exposed - same layout regardless of die size ? low q gd /q gs ratio helps prevent shoot-through ? ...
Description N-Channel 40-V (D-S) MOSFET
   N-Channel 40-V (D-S) MOSFET

File Size 189.17K  /  10 Page

View it Online

Download Datasheet

    MPS
Part No. MP2492
OCR Text ... gnd fb ss sw bst isp isn exposed pad on backside connect to gnd vin gnd en fb ss sw bst pgood isp isn exposed pad on backside connect to gnd soic8e qfn10(3mmx3mm) absolute maxi mum ratings (1) input vol...
Description 100kHz Step-Down Converter

File Size 571.19K  /  11 Page

View it Online

Download Datasheet

    LTC2865 LTC2863-15 LTC2862-15

Linear Technology
Part No. LTC2865 LTC2863-15 LTC2862-15
OCR Text ...e 8-lead (3mm 3mm) plastic dfn exposed pad (pin 9) connect to pcb gnd t jmax = 150c, ja = 43c/w, jc = 3c/w 5 6 7 8 9 4 3 2 1ro re de di v cc b a gnd ltc 2863 -1, ltc 2863 -2 ltc 2863 -1, ltc 2863 -2 1 2 3 4 8 7 6 5 top view a b z y ...
Description 60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers

File Size 377.31K  /  26 Page

View it Online

Download Datasheet

    M2732A 2377 M2732A-20F1 M2732A-2F6 M2732A-3F1 M2732A-4F1 M2732A-4F6 M2732A-2F1 M2732AF1 M2732AF6 M2732A-20F6 M2732A-25F1

SGS Thomson Microelectronics
STMicroelectronics
意法半导
Part No. M2732A 2377 M2732A-20F1 M2732A-2F6 M2732A-3F1 M2732A-4F1 M2732A-4F6 M2732A-2F1 M2732AF1 M2732AF6 M2732A-20F6 M2732A-25F1 M2732A-25F6 M2732A-3F6
OCR Text ...asure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 A. It should be noted that sunlight and certain types of fluorescent lamps have wavelengths in the 3000-4000 A range. Research shows that cons...
Description NMOS 32K (4K x 8) UV EPROM, 250ns
From old datasheet system
NMOS 32K 4K x 8 UV EPROM
NMOS 32K (4K x 8) UV EPROM(NMOS 32K紫外线擦除EPROM)

File Size 91.33K  /  9 Page

View it Online

Download Datasheet

For exposed Found Datasheets File :: 19761    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of exposed

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65087199211121