PART |
Description |
Maker |
QRF1430T30 QRC1430T30 QR1430T30 QRD1430T30 |
Fast Recovery Diode Module (300 Amp/1400 Volts) 快速恢复二极管模块00 Amp/1400伏特
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
AD509SH AD509JH AD509KH AD509 |
HIGH SPEED FAST SETTING IC OP AMP OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc. AD[Analog Devices]
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
SI7392DP-T1 SI7392DP |
N-Ch. Reduced Qg, Fast Switching WFET® VDS = 30V; VGS = ± 20V N沟道Qg,快速开关WFET ® ,VDS=30V; VGS=±20V N-Channel Reduced Qg, Fast Switching WFET N-Channel Reduced Qg/ Fast Switching WFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
AD7524TD |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 8位数字到模拟转换
|
Electronic Theatre Controls, Inc.
|
LTC3709EG LTC3709EGTR LTC3709EUHPBF LTC3709-15 |
Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, PDSO36 Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
74F04 74F04_00 74F04PC 74F04SC 74F04SJ 74F04SCX 74 |
Hex Inverter; Package: SOIC; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
40SL05 40SL8 40SL 40SL1 40SL10 40SL2 40SL4 40SL5 4 |
4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES 4 A, 400 V, SILICON, RECTIFIER DIODE 20 characters x 1 Lines, 5x7 Dot Matric Character and Cursor Fast Rectifier (100-500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5809 1N5811 1N5811US 1N5810 1N5802 1N5806 |
RECTIFIERS HIGH EFFICIENCY, ESP, 2.5 AMP TO 20 AMP Rectifiers-HighEfficiency.ESP.2.5Ampto20Amp
UltraFastRectifier(lessthan100ns)
Ultra Fast Rectifier (less Than 100ns), Package : a
|
Microsemi Corporation
|