PART |
Description |
Maker |
S2930-33 |
250mA Fixed Low Dropout Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
M4A5 M1P5 M1P1 M2G9 M5D1 M5M1 M1F9 M1B5 M5B5 M7P9 |
MEDIUM CURRENT SILICON RECTIFIERS (M2Kx) MEDIUM CURRENT SILICON RECTIFIERS Header, Breakaway Vertical; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:42375; Body Material:PA Polyamide KK 100 Hdr Assy Bkwy 30 Ckt Tin MEDIUM CURRENT SILICON RECTIFIERS 中型电流硅整
|
List of Unclassifed Manufac... EDAL List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
J511 J502 J504 J505 J501 J500 J503 J506 J507 J508 |
Silicon Diode CURRENT REGULATING DIODES 5015 RR 10#12 4#16 SKT RECP 5015 RR 35#16 SKT RECPT 2.4 mA, SILICON, CURRENT REGULATOR DIODE 0.33 mA, SILICON, CURRENT REGULATOR DIODE
|
Linear Integrated Syste... N/A LINEAR[Linear Integrated Systems] LINEAR INTEGRATED SYSTEMS INC
|
ZHCS500 UZHCS500 ZHCS500TA |
DIODE SCHOTTKY SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE “SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE “SuperBAT” SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SOT23 SILICON HIGH CURRENT 0.5 A, SILICON, SIGNAL DIODE High Current Schottky Diode
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
TRA2525 MR3025 TRA2525-D |
Medium - Current Silicon Rectifier Medium-Current Silicon Rectifiers
|
ONSEMI[ON Semiconductor]
|
Q62702-B257 BBY34D Q62702-B194 BBY34C |
Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ˇ 12 V) 硅调谐变容二极管(Hyperabrupt交界调谐二极管频率线性调谐范 12五) Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Forward Current:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V) Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ?12 V)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
GBPC15005W GBPC1508W GBPC1501W GBPC1502W GBPC1504W |
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes) 6-W, 3.3/5-V Input, Wide Adjust Output Positive-to-Negative Converter 5-DIP MODULE -40 to 85
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
AT-31011 AT-31011-BLK AT-31011-TR1 AT-31033 AT-310 |
TERM BLOCK HDR 5.08MM 3POS PCB Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor Low Current, High Performance NPN Silicon Bipolar Transistor
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
BC636 BC640 BC638 Q68000-A3367 Q68000-A3366 Q68000 |
PNP Silicon AF Transistors (High current gain High collector current) 自动对焦进步党硅晶体管(高电流增益高集电极电流) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|