Part Number Hot Search : 
TJA105 50N60 P55N06L STB15N25 JS28F128 2SA133 50N60 CPH3338
Product Description
Full Text Search
  do-216aa Datasheet PDF File

For do-216aa Found Datasheets File :: 67    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    BOURNS[Bourns Electronic Solutions]
Part No. CD216AXXX CD216A CD216A-B120L CD216A-B120LLF CD216A-B120R CD216A-B120RLF CD216A-B130L CD216A-B130LLF CD216A-B130R CD216A-B130RLF CD216A-B140L CD216A-B140LLF CD216A-B140R CD216A-B140RLF
OCR Text ...ication applications in compact do-216aa size chip package formats, which offer PCB real estate savings and are considerably smaller than competitive parts. The Schottky Barrier Rectifier Diodes offer a forward current of 1 A with a choice ...
Description From old datasheet system
Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop

File Size 361.06K  /  7 Page

View it Online

Download Datasheet





    MB140

Lite-On Technology Corporation
Part No. MB140
OCR Text ..." of multiple supply voltage do-216aa H do-216aa DIM. MIN. 1.75 1.80 0.95 0.42 0.70 -0.05 0.10 3.65 0.40 1.10 0.20 MAX. 2.05 2.20 1.25 0.68 1.00 +0.10 0.25 3.95 0.70 1.50 0.80 A B A K B J C D E F G H I C GF G...
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

File Size 33.58K  /  2 Page

View it Online

Download Datasheet

    LITE-ON Semiconductor
Part No. MB140
OCR Text ...nductor lite-on case : jedec do-216aa molded plastic polarity : cathode designated by tab 1 approx weight : 0.016grams mounting position : any for surface mounted applications metal-semiconductor junction with guardring epitaxial constr...
Description Surface Mount Schottky Barrier Rectifiers

File Size 61.50K  /  2 Page

View it Online

Download Datasheet

    STPS115011

STMicroelectronics
Part No. STPS115011
OCR Text ...) 0.67 v k a k a k a sma (jedec do-214ac) stps1150a do-41 stps1150 stmite (jedec do-216aa) stps1150m stmite flat stps1150mf www.st.com characteristics stps1150 2/11 doc id 9472 rev 5 1 characteristics to eval...
Description Power Schottky rectifier

File Size 110.97K  /  11 Page

View it Online

Download Datasheet

    MBRM120ET3G MBRM120ET1G MBRM120E06

ON Semiconductor
Part No. MBRM120ET3G MBRM120ET1G MBRM120E06
OCR Text ...owermite is jedec registered as do?216aa ? case: molded epoxy ? epoxy meets ul 94 v?0 @ 0.125 in ? weight: 16.3 mg (approximately) ? lead and mounting surface temperature for soldering purposes 260 c maximum for 10 seconds http://onsemi.co...
Description Surface Mount Schottky Power Rectifier

File Size 61.83K  /  6 Page

View it Online

Download Datasheet

    1PMT18AT1G 1PMT51AT1G 1PMT58AT1G 1PMT22AT1G 1PMT30AT1G 1PMT40AT3G

ON Semiconductor
Part No. 1PMT18AT1G 1PMT51AT1G 1PMT58AT1G 1PMT22AT1G 1PMT30AT1G 1PMT40AT3G
OCR Text ...owermite is jedec registered as do?216aa ? lead orientation in tape: cathode (short) lead to sprocket holes ? cathode indicated by polarity band ? pb?free packages are available mechanical characteristics: case: void-free, transfer-molded...
Description Zener Transient Voltage Suppressor POWERMITE Package 齐纳瞬态电压抑制器POWERMITE
Zener Transient Voltage Suppressor POWERMITE Package 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-216aa
Zener Transient Voltage Suppressor POWERMITE Package 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-216aa

File Size 60.05K  /  6 Page

View it Online

Download Datasheet

    1PMT5920B

ON Semiconductor
Part No. 1PMT5920B
OCR Text ...owermite is jedec registered as do?216aa ? cathode indicated by polarity band ? pb?free packages are available mechanical characteristics case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosio...
Description (1PMT59xxB) Plastic Surface Mount POWERMITE Package

File Size 85.84K  /  6 Page

View it Online

Download Datasheet

    1PMT5939BT3G 1PMT5941BT3G 1PMT5933BT3G 1PMT5920BT1G 1PMT5927BT3G ONSEMICONDUCTOR-1PMT5939BT1G

ON Semiconductor
Part No. 1PMT5939BT3G 1PMT5941BT3G 1PMT5933BT3G 1PMT5920BT1G 1PMT5927BT3G ONSEMICONDUCTOR-1PMT5939BT1G
OCR Text ...owermite is jedec registered as do?216aa ? cathode indicated by polarity band ? pb?free packages are available mechanical characteristics case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosio...
Description 3.2 Watt Plastic Surface Mount POWERMITE Package 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, do-216aa
3.2 Watt Plastic Surface Mount POWERMITE Package 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, do-216aa
3.2 Watt Plastic Surface Mount POWERMITE Package 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, do-216aa
3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, do-216aa
3.2 Watt Plastic Surface Mount POWERMITE Package 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, do-216aa

File Size 58.41K  /  6 Page

View it Online

Download Datasheet

    MBRM130L MBRM130LT1 MBRM130LT3

ONSEMI[ON Semiconductor]
Part No. MBRM130L MBRM130LT1 MBRM130LT3
OCR Text ...owermite is JEDEC Registered as do-216aa Case: Molded Epoxy Epoxy Meets UL94V-0 at 1/8 Weight: 62 mg (approximately) Device Marking: BCG Lead and Mounting Surface Temperature for Soldering Purposes. 260C Maximum for 10 Seconds POWERMITE ...
Description Surface Mount Schottky Power Rectifier 1 A, 30 V, SILICON, SIGNAL DIODE, do-216aa

File Size 93.13K  /  8 Page

View it Online

Download Datasheet

    1PMT5929B 1PMT5929BT1

ON Semiconductor
Part No. 1PMT5929B 1PMT5929BT1
OCR Text ...OWERMITE is JEDEC Registered as do-216aa Cathode Indicated by Polarity Band Pb-Free Packages are Available 1 1: CATHODE 2: ANODE 2 1 2 POWERMITE CASE 457 PLASTIC MARKING DIAGRAM D 2 ANODE Mechanical Characteristics CASE: ...
Description 15V 3.2W Zener Diode

File Size 53.76K  /  6 Page

View it Online

Download Datasheet

For do-216aa Found Datasheets File :: 67    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of do-216aa

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0813229084015