PART |
Description |
Maker |
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
FS2VS-12 |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:12A; Switching:Random; Switch Function:SPST-NO RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LC7536R |
High Breakdown Voltage Serial Control Electronic Volume Control
|
SANYO[Sanyo Semicon Device]
|
MP120D2 MP240D2 MPDCD3-B |
; Output Device:Transistor; Output Voltage Max:60VDC; Output Voltage Min:3VDC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:3A; Switching:Zero Cross; Leaded Process Compatible:Yes; Output Current Max:3A
|
Crydom Inc. CRYDOM CORP
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
SL3010 SL3010DW SL3010N SYSTEMLOGICSEMICONDUCTORCO |
Self-Locking Plastic Spacer with fixing hole, 35.0mm board spacing INFRARED REMOTE CONTROL TRANSMITTER RC-5
|
System Logic Semiconductor Co., Ltd.
|
2SC3515 E000852 |
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS) npn型三重扩散型(高压控制,等离子显示器,数码管驱动器,阴极射线管的亮度控制应用 NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL/ PLASMA DISPLAY/ NIXIE TUBE DRIVER/ CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS) From old datasheet system HIGH VOLYAGE CONTROL APPLICATIONS PLASMA DISPLAY,
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|