PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP |
500mA Secondary LDO Regulators for Local Power Supplies 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2
|
Rohm
|
LT1185_06 LT1185 LT1185CQ LT1185CT LT1185IQ LT1185 |
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
IRU1175CSTR IRU1175CMTR |
1.25 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO5 7.5A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier
|
FAN2503S30X FAN2503S33X FAN2502 FAN2502S25X FAN250 |
Low-dropout Voltage Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS LDO Regulators 2.6 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 PLUG.PCB TERMINAL 8213 B /2 OB RoHS Compliant: Yes 1.32 V-6.68 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LX8213-12ISE LX8213-33ISE LX8213-00ISE |
Low Drop Out Regulator - Positive Adjustable; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; 1.2 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 Low Drop Out Regulator - Positive Fixed; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; VOUT (V): 1.224; 1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 300mA Low Noise CMOS LDO Regulator
|
Microsemi, Corp. Microsemi Corporation
|
CLM2830 CLM2830AT CLM2830AU |
3.0A Low Dropout Voltage Regulator Adjustable 1.2 V-ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
|
CALOGIC LLC CALOGIC[Calogic, LLC] Calogic LLC
|
RHFL7913KPA-02V RHFL7913SCA1 RHFL7913KPA2 |
1.2 V-9.5 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.8 V DROPOUT, CDFP16 1.2 V-9.5 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.8 V DROPOUT, CBCC5
|
STMICROELECTRONICS
|