PART |
Description |
Maker |
VKA100MS02C VKA100MS03C VKA100MS02FC VKA100MS03FC |
100 Watt Adjustable Output DC/DC Converter
|
Murata Manufacturing Co., Ltd.
|
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
LM2931 LM2931A NCV2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection(100mA,可调输出,带有60V负载保护的低压差稳压
|
ON Semiconductor
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
MAX1626 MAX1626ESA MAX1626-MAX1627 MAX1627 MAX1627 |
5V/3.3V or Adjustable / 100% Duty-Cycle / High-Efficiency / Step-Down DC-DC Controllers 5V/3.3V or Adjustable 100% Duty-Cycle High-Efficiency Step-Down DC-DC Controllers 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers 0.05 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AP432AL-7 AP432L-13 AP432L-7 AP432L-A AP432L-B AP4 |
ADJUSTABLE PRECISION SHUNT REGULATOR ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, BCY3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器
|
Diodes, Inc. 稳压 Diodes Inc. DIODES[Diodes Incorporated] http://
|
MAX779L MAX779LCPA MAX779LCSA MAX779LEPA MAX779LES |
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters Low-Voltage Input / 3V/3.3V/5V/ Adjustable Output / Step-Up DC-DC Converters Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDIP8 Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, UUC15 Low-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
LM317BD2TG LM317D2TR4G LM317TG |
1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3
|
ON Semiconductor
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
AP431L-7 AP431L-B AP431AL-13 AP431AL-7 AP431AL-A A |
ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO5
|
http:// DIODES[Diodes Incorporated] Diodes Inc. 稳压 Diodes, Inc.
|